Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S8V-CP Fiches technique(PDF) 6 Page - Omron Electronics LLC

No de pièce S8V-CP
Description  DC Electronic Circuit Protector (24 VDC 4 Outputs/8 Outputs Type)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8V-CP Fiches technique(HTML) 6 Page - Omron Electronics LLC

Back Button S8V-CP Datasheet HTML 2Page - Omron Electronics LLC S8V-CP Datasheet HTML 3Page - Omron Electronics LLC S8V-CP Datasheet HTML 4Page - Omron Electronics LLC S8V-CP Datasheet HTML 5Page - Omron Electronics LLC S8V-CP Datasheet HTML 6Page - Omron Electronics LLC S8V-CP Datasheet HTML 7Page - Omron Electronics LLC S8V-CP Datasheet HTML 8Page - Omron Electronics LLC S8V-CP Datasheet HTML 9Page - Omron Electronics LLC S8V-CP Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
S8V-CP
6
Construction and Nomenclature
Nomenclature
*1. Use a flathead screwdriver to change position of the switch.
*2. Do not connect the load wire to the Negative input terminal.
*3. +VO5 to +VO8 are only in the S8V-CP0824.
No.
Terminal name
Name
Function
1---
Push button (ON/OFF/RESET)
with indicator
The indicator shows the connected/tripped status of each output.
The push button switch is used to switch between the connected/tripped status
of each output.
2---
Rated output current selector
switch
Changes the rated output current of each output with the rotary switch.
*1
3
INPUT
+VI1
Power input terminals
Connects to the positive side of the power unit output.
4+VI2
5
SIGNAL
INPUT
-VI1
Negative input terminal
Connects to the negative side of the power unit output.
This terminal is only used as a ground for the internal circuitry of the product.
*2
6-VI2
7
RST
Reset signal input terminal
Resets all outputs by the external input. (Switches to the connected state.)
8
SIGNAL
OUTPUT
ALM1
Alarm output terminal
Turns OFF the MOS FET relay If any of the outputs trip due to over voltage or
current.
9ALM2
10
OUTPUT
+VO1
Output terminal
*3
Connects the positive side of the load line.
11
+VO2
12
+VO3
13
+VO4
14
+VO5
15
+VO6
16
+VO7
17
+VO8
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)
(15)
(16)
(17)
4 outputs type
S8V-CP0424
8 outputs type
S8V-CP0824
(1)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
S8V-CP0424S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com