Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S8V-CP Fiches technique(PDF) 1 Page - Omron Electronics LLC

No de pièce S8V-CP
Description  DC Electronic Circuit Protector (24 VDC 4 Outputs/8 Outputs Type)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8V-CP Fiches technique(HTML) 1 Page - Omron Electronics LLC

  S8V-CP Datasheet HTML 1Page - Omron Electronics LLC S8V-CP Datasheet HTML 2Page - Omron Electronics LLC S8V-CP Datasheet HTML 3Page - Omron Electronics LLC S8V-CP Datasheet HTML 4Page - Omron Electronics LLC S8V-CP Datasheet HTML 5Page - Omron Electronics LLC S8V-CP Datasheet HTML 6Page - Omron Electronics LLC S8V-CP Datasheet HTML 7Page - Omron Electronics LLC S8V-CP Datasheet HTML 8Page - Omron Electronics LLC S8V-CP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
DC Electronic Circuit Protector (24 VDC 4 Outputs/8 Outputs Type)
S8V-CP
Simplified safety design of DC circuits
Reliable DC circuit protection in the
event of short circuits or overcurrent
Saves space even with multi-channels
Sequential start-up of outputs
to avoid start-up trouble
• Push-in plus terminal block adopted
• Push button with indicator to help you understand
each output status at a glance
• Switch lets you set the rated output current appropriately
for each output depending on load
• Lineup of a UL Class 2 output-compatible model
Model Number Structure
Model Number Legend Not all combinations are possible. Refer to List of Models in Ordering Information, below.
(1) Number of Outputs
(2) Rated input voltage
(3) UL Class 2 output
List of Models
Unit
For the most recent information on models that have been
certified for safety standards, refer to your OMRON website.
Refer to Safety Precautions on page 10.
S8V-CP
@@ 24 @
Series name
(2) (3)
(1)
Code
Number of Outputs
04
4 outputs
08
8 outputs
Code
Rated input voltage
24
24 VDC
Code
UL Class 2 output certified
SYes
No
No
Number of Outputs
UL Class 2 output
Model
4 outputs
No
S8V-CP0424
Yes
S8V-CP0424S
8 outputs
No
S8V-CP0824


Numéro de pièce similaire - S8V-CP

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
S8VK-C06024 OMRON-S8VK-C06024 Datasheet
4Mb / 20P
Switch Mode Power Supply
S8VK-C12024 OMRON-S8VK-C12024 Datasheet
4Mb / 20P
Switch Mode Power Supply
S8VK-C24024 OMRON-S8VK-C24024 Datasheet
4Mb / 20P
Switch Mode Power Supply
S8VK-C48024 OMRON-S8VK-C48024 Datasheet
4Mb / 20P
Switch Mode Power Supply
More results

Description similaire - S8V-CP

FabricantNo de pièceFiches techniqueDescription
logo
WAGO Kontakttechnik Gmb...
787-1664-000-054 WAGO-787-1664-000-054 Datasheet
415Kb / 9P
Electronic circuit breaker; 4-channel; 24 VDC input voltage
787-1664-000-080 WAGO-787-1664-000-080 Datasheet
458Kb / 11P
Electronic circuit breaker; 4-channel; 24 VDC input voltage
787-1668-106-054 WAGO-787-1668-106-054 Datasheet
568Kb / 9P
Electronic circuit breaker; 8-channel; 24 VDC input voltage
787-1664 WAGO-787-1664 Datasheet
431Kb / 10P
Electronic circuit breaker; 4-channel; 24 VDC input voltage
787-1668 WAGO-787-1668 Datasheet
583Kb / 10P
Electronic circuit breaker; 8-channel; 24 VDC input voltage
logo
Schneider Electric
TM3AQ4 SCHNEIDER-TM3AQ4 Datasheet
204Kb / 8P
Analog output module, Modicon TM3, 4 outputs (screw) 24 VDC
Apr 4, 2022
TM3AQ4G SCHNEIDER-TM3AQ4G Datasheet
144Kb / 8P
Analog output module, Modicon TM3, 4 outputs (spring) 24 VDC
Apr 4, 2022
TM3DQ8R SCHNEIDER-TM3DQ8R Datasheet
164Kb / 8P
Discrete output module, Modicon TM3, 8 relay outputs (screw) 24 VDC
Apr 4, 2022
TM3DQ8RG SCHNEIDER-TM3DQ8RG Datasheet
165Kb / 8P
Discrete output module, Modicon TM3, 8 relay outputs (spring) 24 VDC
Apr 4, 2022
logo
Siemens Semiconductor G...
6ES7132-6BF01-0AA0 SIEMENS-6ES7132-6BF01-0AA0 Datasheet
191Kb / 3P
Digital Output Module, 8 Outputs, 24 VDC
3/29/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com