Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S8V-CP Fiches technique(PDF) 7 Page - Omron Electronics LLC

No de pièce S8V-CP
Description  DC Electronic Circuit Protector (24 VDC 4 Outputs/8 Outputs Type)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8V-CP Fiches technique(HTML) 7 Page - Omron Electronics LLC

Back Button S8V-CP Datasheet HTML 3Page - Omron Electronics LLC S8V-CP Datasheet HTML 4Page - Omron Electronics LLC S8V-CP Datasheet HTML 5Page - Omron Electronics LLC S8V-CP Datasheet HTML 6Page - Omron Electronics LLC S8V-CP Datasheet HTML 7Page - Omron Electronics LLC S8V-CP Datasheet HTML 8Page - Omron Electronics LLC S8V-CP Datasheet HTML 9Page - Omron Electronics LLC S8V-CP Datasheet HTML 10Page - Omron Electronics LLC S8V-CP Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
S8V-CP
7
Engineering Data
Derating Curves
Current Tripping Characteristics
S8V-CP0424, S8V-CP0824
Note: If the power rating of the power supply unit is insufficient, the overcurrent protection characteristic can cause a voltage drop in all the outputs.
In order to trip the current according to the above characteristic, select a power supply unit with a current higher than the total tripping current
considering the power consumption of the S8V-CP.
Current and Voltage Tripping Characteristics
S8V-CP0424S
Note: 1. Input voltage 24 to 28.8 VDC tripping current is decreased to less than 3.2 A in accordance with the current and voltage tripping
characteristic.
2. Current tripping takes place between 250 ms to 5 s.
S8V-CP0424
S8V-CP0424S
S8V-CP0824
-10
-20
-30
0
10 20 30 40 50 60 70 80
50
40
30
20
10
0
35
25
Ambient operating temperature (°C)
-10
-20
-30
0
10 20 30 40 50 60 70 80
20
15
10
5
0
Ambient operating temperature (°C)
-10
-20
-30
0
10 20 30 40 50 60 70 80
80
60
40
20
0
50
Ambient operating temperature (°C)
100 s
10 s
1 s
2 s
100 ms
10 ms
16 ms
110
23
4
5
6
7
8
9
20
30
2A
3A
4A
6A
8A
10A
Output current (A)
Rated Output Current
Tripping region
3.8
3.2
24
20
28.8
Tripping region
Input voltage (V)
Power < 100 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com