Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMIC1DPQR Fiches technique(PDF) 113 Page - STMicroelectronics

No de pièce STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Fiches technique(HTML) 113 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 109Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 110Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 111Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 112Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 113Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 114Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 115Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 116Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 140 page
background image
6.6
NVM registers
6.6.1
NVM status register (NVM_SR)
Table 62. NVM_SR
7
6
5
4
3
2
1
0
reserved
reserved
reserved
reserved
reserved
reserved
reserved
NVM_BUSY
R
R
R
R
R
R
R
R
Address: 0xB8
Type: read only register
Default: 0x00
Description: NVM status register.
[7 :1]
reserved
[0]
NVM_BUSY: NVM controller status
0: NVM controller is in idle state
1: NVM controller is in busy state
Self-cleared when the operation is completed
STPMIC1
NVM registers
DS12792 - Rev 7
page 113/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More