Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMIC1DPQR Fiches technique(PDF) 70 Page - STMicroelectronics

No de pièce STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Fiches technique(HTML) 70 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 66Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 67Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 68Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 69Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 70Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 71Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 72Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 73Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 140 page
background image
6.2.2
Turn-OFF status register (TURN_OFF_SR)
Table 20. TURN_OFF_SR
7
6
5
4
3
2
1
0
reserved
reserved
PKEYLKP
WDG
OCP
THSD
VINOK_FA
SWOFF
R
R
R
R
R
R
R
R
Address: 0x02
Type: read register only
Default : b000x_xxxx where x depends on previous turn-OFF condition
Description: Turn-OFF status register. This register stores the last condition, which turns OFF the STPMIC1.
It is set during POWER_DOWN state following turn-OFF condition.
[7 :6]
Reserved
[5]
PKEYLKP: Last turn-OFF condition was due to PONKEYn long key
0: False
1: True
[4]
WDG: Last turn-OFF condition was due to watchdog
0: False
1: True
[3]
OCP: Last turn-ON condition was due to overcurrent protection
0: False
1: True
[2]
THSD: Last turn-OFF condition was due to thermal shutdown
0: False
1: True
[1]
VINOK_FA: Last turn-OFF condition was due to VIN below VINOK_Fall
(when VIN is crossing VIN_POR_Rise threshold, this bit value is not valid)
0: False
1: True
[0]
SWOFF: Last turn-OFF condition was due to software switch OFF
0: False
1: True
STPMIC1
Status registers
DS12792 - Rev 7
page 70/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More