Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMIC1DPQR Fiches technique(PDF) 100 Page - STMicroelectronics

No de pièce STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Fiches technique(HTML) 100 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 96Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 97Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 98Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 99Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 100Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 101Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 102Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 103Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 140 page
background image
6.5.2
Interrupt pending register 1 (INT_PENDING_R1)
Table 49. INT_PENDING_R1
7
6
5
4
3
2
1
0
SWOUT_RI
SWOUT_FA
VBUSOTG_RI
VBUSOTG_FA
WKP_RI
WKP_FA
PKEY_RI
PKEY_FA
R
R
R
R
R
R
R
R
Address: 0x50
Type: read register only
Default: 0x00
Description: interrupt pending register 1. Register is set to default on RSTn assertion.
For all bits:
0: IT not pending
1: IT pending
[7] SWOUT_RI: VBUS on SWOUT pin (PWR_SW out) rises above SWOUT_Rise treshold
[6] SWOUT_FA: VBUS on SWOUT pin (PWR_SW out) falls below above SWOUT_Fall treshold
[5] VBUSOTG_RI: VBUS on VBUSOTG pin (PWR_USB_SW out) rises above VBUSOTG_Rise threshold
[4] VBUSOTG_FA: VBUS on VBUSOTG pin (PWR_USB_SW out) falls below VBUSOTG_Fall threshold
[3] WKP_RI: WAKEUP rising edge
[2] WKP_FA: WAKEUP falling edge
[1] PKEY_RI: PONKEYn rising edge
[0] PKEY_FA: PONKEYn falling edge detected
STPMIC1
Interrupt registers
DS12792 - Rev 7
page 100/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More