Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMIC1DPQR Fiches technique(PDF) 89 Page - STMicroelectronics

No de pièce STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Fiches technique(HTML) 89 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 85Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 86Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 87Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 88Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 89Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 90Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 91Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 92Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 140 page
background image
6.4.2
REFDDR MAIN mode control register (REFDDR_MAIN_CR)
Table 39. REFDDR_MAIN_CR
7
6
5
4
3
2
1
0
reserved
reserved
reserved
reserved
reserved
reserved
reserved
ENA
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address: 0x24
Type: read/write register
Default: 0x0000000X where X depends on NVM settings
Description: REFDDR, MAIN mode control register. Register is initialized in CHECK&LOAD mode.
User can write to this register to control the enable of REFDDR applied to MAIN mode.
[7 :1]
Reserved
[0]
ENA: VREF_DDR enable bit
0: VREF_DDR is disabled
1: VREF_DDR is enabled
STPMIC1
Power supplies control registers
DS12792 - Rev 7
page 89/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More