| Moteur de recherche de fiches techniques de composants électroniques |
|
STPMIC1DPQR Fiches technique(PDF) 99 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC1DPQR Fiches technique(HTML) 99 Page - STMicroelectronics |
|
99 / 140 page ![]() 6.5 Interrupt registers 6.5.1 Overall interrupt register behavior No interrupts are stored before RSTn is released. Interrupt registers are all cleared and masked on default and turn-OFF conditions. Section 6.5.2 Interrupt pending register 1 (INT_PENDING_R1), Section 6.5.3 Interrupt pending register 2 (INT_PENDING_R2), Section 6.5.4 Interrupt pending register 3 (INT_PENDING_R3) and Section 6.5.5 Interrupt pending register 4 (INT_PENDING_R4) store information about masked and not masked events. Section 6.5.10 Interrupt clear mask registers (INT_CLEAR_MASK_Rx) or Section 6.5.6 Interrupt debug latch registers (INT_DBG_LATCH_Rx) is a write register. Any read on this address provides x00 as data. Writing ‘1’ in a bit forces INT_PENDING corresponding bit to ‘1’. Writing ‘0’ has no effect. Section 6.5.8 Interrupt mask registers (INT_MASK_Rx) is a read/write register. INTn pin is forced low as long as a bit is set in INT_PENDING_Rx and no mask in its corresponding Section 6.5.8 Interrupt mask registers (INT_MASK_Rx). Section 6.5.11 Interrupt source register 1 (INT_SRC_R1), Section 6.5.12 Interrupt source register 2 (INT_SRC_R2), Section 6.5.13 Interrupt source register 3 ( INT_SRC_R3) and Section 6.5.14 Interrupt source register 4 ( INT_SRC_R4) reflects a ‘real time’ status of the event while INT_PENDING_Rx stores events and not levels. STPMIC1 Interrupt registers DS12792 - Rev 7 page 99/140 |