| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD17P136ACT Fiches technique(PDF) 97 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17P136ACT Fiches technique(HTML) 97 Page - NEC |
|
97 / 292 page ![]() CHAPTER 10 DATA BUFFER (DBF) 78 10.2 FUNCTIONS OF THE DATA BUFFER The data buffer has two separate functions. The data buffer is used for data transfer with peripheral hardware. The data buffer is also used for reading constant data (table reference) in program memory. Figure 10-3 shows the relationship between the data buffer and peripheral hardware. Figure 10-3. Relationship Between the Data Buffer and Peripheral Hardware Data buffer (DBF) Internal bus Constant data Program memory (ROM) Peripheral address 01H 02H 03H 04H Peripheral hardware Shift register (SIOSFR) Timer 0 modulo register (TM0M) Timer 1 modulo register (TM1M) Address register (AR) 40H A/D converter data register (ADCR) 45H Timer 0/timer 1 count register (TM0TM1C) |