Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD17P136ACT Fiches technique(PDF) 6 Page - NEC

No de pièce UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Fiches technique(HTML) 6 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 2Page - NEC UPD17P136ACT Datasheet HTML 3Page - NEC UPD17P136ACT Datasheet HTML 4Page - NEC UPD17P136ACT Datasheet HTML 5Page - NEC UPD17P136ACT Datasheet HTML 6Page - NEC UPD17P136ACT Datasheet HTML 7Page - NEC UPD17P136ACT Datasheet HTML 8Page - NEC UPD17P136ACT Datasheet HTML 9Page - NEC UPD17P136ACT Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 292 page
background image
PREFACE
Target
: This manual is intended for user engineers who understand the functions of each product in
the
µPD17134A subseries and try to design application systems using the µPD17134A
subseries.
Purpose
: The purpose of this manual is for the user to understand the hardware functions of the
µPD17134A subseries.
Use
: The manual assumes that the reader has a general knowledge of electricity, logic circuits,
microcomputers.
•
To understand the functions of the
µPD17134A subseries in a general way;
→ Read the manual from CONTENTS.
•
To look up instruction functions in detail when you know the mnemonic of an
instruction;
→ Use APPENDIX E INSTRUCTION LIST.
•
To look up an instruction when you do not know its mnemonic but know outlines of
the function;
→ Refer to 19.3 LIST OF THE INSTRUCTION SET for search for the mnemonic of the
instruction, then see 19.5 INSTRUCTIONS for the functions.
•
To learn the electrical specifications of the
µPD17134A subseries
→ Refer to the Data Sheet available separately.
•
To learn the application examples of the functions of the
µPD17134A subseries
→ Refer to the Application Note available separately.
Legend
: Data representation weight : High-order and low-order digits are indicated from left to right.
Active low representation
:
××× (pin or signal name is overlined)
Memory map address
: Top: low-order, bottom: high-order
Note
: Explanation of Note in the text
Caution
: Caution to which you should pay attention
Remark
: Supplementary explanation to the text
Number representation
: Binary number
...
×××× or ××××B
Decimal number
...
××××
Hexadecimal number ...
××××H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More