| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD17P136ACT Fiches technique(PDF) 71 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17P136ACT Fiches technique(HTML) 71 Page - NEC |
|
71 / 292 page ![]() CHAPTER 7 SYSTEM REGISTER (SYSREG) 52 2. Execution of “MOV m, @r” when general register is in row address 0 R00B MEM 0.0BH M034 MEM 0.34H MOV MPL, #0110B ; MP ← 6 (Setting row address of @r) MOV MPH, #1000B ; MPE ← 1, bank ← 0 MOV R00B, #0EH ; R00B ← 0EH (Setting column address of @r) MOV M034, @R00B ; Indirect transfer of data in the register (0.34H) ← (0.6EH) As shown in Figure 7-11, when the above instructions are executed, the data stored in address 6EH is transferred to data memory location M034. Figure 7-11. Operation Example When IXE = 0 and MPE = 1 Addresses in Example 1 Addresses in Example 2 MOV @R005, M034 MOV M034, @R00B 0123456789 A B C D E F 0 1 2 3 4 5 6 7 Column address System register 8E Column address specified as transfer destination Column address specified as transfer source Example 1. MOV @R005, M034 General register Memory pointer = 00110B Example 2. MOV M034, @R00B 0000 Bank Row address Column address 011 0100 0000 1011 000 0000 1110 110 0000 Bank Row address Column address 011 0100 0000 0101 000 0000 1000 110 Data memory address M General register address R Indirect transfer address @R Contents of R Contents of MP Contents of MP Contents of R Data memory address M General register address R Indirect transfer address @R |