Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD17P136ACT Fiches technique(PDF) 89 Page - NEC

No de pièce UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Fiches technique(HTML) 89 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 85Page - NEC UPD17P136ACT Datasheet HTML 86Page - NEC UPD17P136ACT Datasheet HTML 87Page - NEC UPD17P136ACT Datasheet HTML 88Page - NEC UPD17P136ACT Datasheet HTML 89Page - NEC UPD17P136ACT Datasheet HTML 90Page - NEC UPD17P136ACT Datasheet HTML 91Page - NEC UPD17P136ACT Datasheet HTML 92Page - NEC UPD17P136ACT Datasheet HTML 93Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 292 page
background image
CHAPTER 9 REGISTER FILE (RF)
70
9.2 FUNCTIONS OF THE REGISTER FILE
9.2.1 Functions of the Register File
The register file is mainly used as a control register for specifying conditions for peripheral hardware.
This control register is allocated within the register file at addresses 00H to 3FH.
The rest of the register file (40H to 7FH) overlaps with data memory. As shown in 9.2.3, because of this overlap,
this area of the register file is the same as normal memory with one exception: The register file manipulation
instructions PEEK and POKE can be used with this area of memory but not with normal data memory.
9.2.2 Functions of Control Register
The peripheral hardware whose conditions can be controlled by control registers is listed below.
For details concerning peripheral hardware and the control register, see the section for the peripheral hardware
concerned.
•
Stack pointer (SP)
•
Basic interval timer (BTM)
•
Power-down reset
•
Ports
•
8-bit timer counter (TM0, TM1)
•
Interrupt functions
•
AC zero cross detector (ZCROSS)
•
Serial interface (SIO)
•
A/D converter
Figure 9-2. Relationship Between the Register File and Data Memory
Register file
Column address
0
1
2
3
Control register
System register
0
1
23
45
67 8
9 A B C D E F
0
1
2
3
4
5
6
7
Port register
BANK1
Unmounted
Data memory
BANK0
Port register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More