Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X11SSL Fiches technique(PDF) 61 Page - List of Unclassifed Manufacturers

No de pièce X11SSL
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL Fiches technique(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button X11SSL Datasheet HTML 57Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 58Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 59Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 60Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 61Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 62Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 63Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 64Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 124 page
background image
61
Chapter 2: Installation
CPU
VGA
LAN2
LAN1
LE1
COM1
USB6/7
(3.0)
USB0/1
IPMI_LAN
JUIDB1
MAC CODE
JPL1
LED BMC
JPL2
FAN1
FAN2
FAN3
FANA
LED PWR
USB10(3.0)
JF1
I-SATA2
I-SATA7
JBT1
JL1
USB2/3
X11SSM(-F)/X11SSL(-F)
REV:1.01
Designed in the USA
BMC
SP1
Intel PCH
BT1
1
1. BMC Enable
2. Manufacturer Mode
BMC Enabled
Jumper JPB1 allows the user to enable the embedded ASpeed AST2400 Baseboard
Management Controller (BMC) to provide IPMI 2.0/KVM support on the motherboard. Refer
to the table below for jumper settings. The default setting is BMC Enable.
BMC Enable
Jumper Settings
Jumper Setting
Definition
Pins 1-2
BMC Enabled
Pins 2-3
Disabled
Manufacturer Mode Select
Close pin 2 and pin 3 of jumper JPME2 to bypass SPI flash security and force the system to
operate in the manufacturer mode, which will allow the user to flash the system firmware from
a host server for system setting modifications. Refer to the table below for jumper settings.
The default setting is Normal.
Manufacturer Mode
Jumper Settings
Jumper Setting
Definition
Pins 1-2
Normal
Pins 2-3
Manufacturer Mode
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More