Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X11SSL Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce X11SSL
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  X11SSL Datasheet HTML 1Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 2Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 3Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 4Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 5Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 6Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 7Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 8Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 124 page
background image
3
Preface
Preface
About This Manual
This manual is written for system integrators, IT technicians and knowledgeable end users. It
provides information for the installation and use of the X11SSM(-F)/X11SSL(-F) motherboard.
About This Motherboard
The Super X11SSM(-F)/X11SSL(-F) motherboard supports an Intel Xeon E3-1200 v6/v5,
7th/6th Gen Core i3, Pentium, and Celeron series processor in an LGA 1151 (H4) socket. With
support of the Intel C236/232 chipset*, DDR4 memory, SATA 3.0, Intel Node Manager**, and
Trusted Platform Module (TPM), this motherboard is optimized for cost-effective, entry-level
server platforms. Please note that this motherboard is intended to be installed and serviced
by professional technicians only. For processor/memory updates, please refer to our website
at http://www.supermicro.com/products/.
* The X11SSM(-F) supports the Intel C236 chip, and the X11SSL(-F), the C232 chip.
** Intel Node Manager is supported by the X11SSM-F only.
Conventions Used in the Manual
Special attention should be given to the following symbols for proper installation and to prevent
damage done to the components or injury to yourself:
Warning! Indicates high voltage may be encountered when performing a procedure.
Warning! Indicates important information given to prevent equipment/property damage
or personal injury.
Important: Important information given to ensure proper system installation or to
relay safety precautions.
Note: Additional Information given to differentiate various models or provides infor-
mation for correct system setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More