| Moteur de recherche de fiches techniques de composants électroniques |
|
X11SSL Fiches technique(PDF) 18 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
X11SSL Fiches technique(HTML) 18 Page - List of Unclassifed Manufacturers |
|
18 / 124 page ![]() 18 X11SSM(-F)/X11SSL(-F) User Manual Note: This is a general block diagram and may not exactly represent the features on your motherboard. See the previous pages for the actual specifications of your moth- erboard. Figure 1-4. System Block Diagram #8-15 #0-7 #9 #10 #11 #9 #5/6/7/8 #1/2/3/4 Skt-H4 LGA1151 PCH DMI3 #B-1 #B-2 #A-2 #A-1 PCIe3.0 x4 (in x8) PCIe 3.0 x4 (in x8) PCI-E x4 Gen3 PCI-E x4 Gen3 6.0 Gb/S USB 3.0 USB 2.0 TPM Header Debug Card BIOS MUX LPC SPI SPI SPI FRONT PANEL FAN SPEED CTRL SYSTEM POWER VGA CONN COM1 Connector COM2 Header BMC AST2400 BMC Boot Flash DDR3 RJ45 Temp Sensor EMC1402-1 *2 at diff SMBUS SPI LAN3 RTL8211E-VB-CG USB 2.0 PCI-E X1 Gen1 RGRMII RJ45 RJ45 LAN1 I210 LAN2 I210 PCI-E X1 Gen3 PCI-E X1 Gen3 PCIe3.0 x8 (in x8) PCIe3.0 x8 (in x16) PCI-E X8 Gen3 PCI-E X8 Gen3 IMVP 8 3 PHASE for Vcore 80W DMI3 x4 |