Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X11SSL Fiches technique(PDF) 40 Page - List of Unclassifed Manufacturers

No de pièce X11SSL
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL Fiches technique(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button X11SSL Datasheet HTML 36Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 37Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 38Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 39Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 40Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 41Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 42Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 43Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 124 page
background image
40
X11SSM(-F)/X11SSL(-F) User Manual
1
2
1. USB0/1
2. USB2/3
3. USB4/5
4. USB6/7
5. USB8/9
6. USB10
5
6
4
3
Front Panel USB 8/9 (3.0)
Pin Definitions
Pin#
Definition
Pin#
Definition
A1
VBUS
B1
Power
A2
D-
B2
USB_N
A3
D+
B3
USB_P
A4
GND
B4
GND
A5
Stda_SSRX-
B5
USB3_RN
A6
Stda_SSRX+
B6
USB3_RP
A7
GND
B7
GND
A8
Stda_SSTX-
B8
USB3_TN
A9
Stda_SSTX+
B9
USB3_TP
Type A USB 10 (3.0)
Pin Definitions
Pin#
Definition
Pin#
Definition
1
VBUS
5
SSRX-
2
USB_N
6
SSRX+
3
USB_P
7
GND
4
Ground
8
SSTX-
9
SSTX+
CPU
VGA
LAN2
LAN1
LE1
COM1
USB6/7
(3.0)
USB0/1
IPMI_LAN
JUIDB1
MAC CODE
JPL1
LED BMC
JPL2
FAN1
FAN2
FAN3
FANA
LED PWR
USB10(3.0)
JF1
I-SATA2
I-SATA7
JBT1
JL1
USB2/3
X11SSM(-F)/X11SSL(-F)
REV:1.01
Designed in the USA
BMC
SP1
Intel PCH
BT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More