| Moteur de recherche de fiches techniques de composants électroniques |
|
ADSP-21486KSWZ-2AB Fiches technique(PDF) 71 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-21486KSWZ-2AB Fiches technique(HTML) 71 Page - Analog Devices |
|
71 / 71 page ![]() Rev. H | Page 71 of 71 | February 2020 ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489 ©2020 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D09018-2/20(H) I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors). ADSP-21489KCPZ-4 0°C to +115°C 5 Mbit 400 MHz 88-Lead LFCSP_VQ CP-88-5 ADSP-21489KSWZ-3A 0°C to +110°C 5 Mbit 350 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21489BSWZ-3A –40°C to +125°C 5 Mbit 350 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21489KSWZ-3B 0°C to +110°C 5 Mbit 350 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21489BSWZ-3B –40°C to +125°C 5 Mbit 350 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21489KSWZ-4A 0°C to +110°C 5 Mbit 400 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21489BSWZ-4A –40°C to +125°C 5 Mbit 400 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21489KSWZ-4B 0°C to +110°C 5 Mbit 400 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21489BSWZ-4B –40°C to +125°C 5 Mbit 400 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21489KSWZ-5B 5 0°C to +115°C 5 Mbit 450 MHz 176-Lead LQFP_EP SW-176-2 1 Z = RoHS compliant part. 2 RL = Tape and Reel. 3 Referenced temperature is junction temperature. See Operating Conditions on Page 18 for junction temperature (TJ) specification. 4 The ADSP-21483, ADSP-21486, and ADSP-21487 models are available with factory programmed ROM including the latest multichannel audio decoding and post-processing algorithms from Dolby Labs and DTS. ROM contents may vary depending on chip version and silicon revision. Visit www.analog.com for complete information. 5 See Engineer-to-Engineer Note Static Voltage Scaling for ADSP-2148x SHARC Processors (EE-357) for operating ADSP-2148x processors at 450 MHz. 6 This product contains a –140 dB sample rate converter. Model1, 2 Notes Temperature Range3 RAM Processor Instruction Rate (Max) Package Description Package Option |