| Moteur de recherche de fiches techniques de composants électroniques |
|
ADSP-21486KSWZ-2AB Fiches technique(PDF) 70 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-21486KSWZ-2AB Fiches technique(HTML) 70 Page - Analog Devices |
|
70 / 71 page ![]() Rev. H | Page 70 of 71 | February 2020 ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489 ORDERING GUIDE Model1, 2 Notes Temperature Range3 RAM Processor Instruction Rate (Max) Package Description Package Option ADSP-21483KSWZ-2B 4 0°C to +110°C 3 Mbit 300 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21483KSWZ-3B 4 0°C to +110°C 3 Mbit 350 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21483KSWZ-3AB 4 0°C to +110°C 3 Mbit 350 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21483KSWZ-4B 4 0°C to +110°C 3 Mbit 400 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21483KSWZ-4AB 4 0°C to +110°C 3 Mbit 400 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21486KSWZ-2A 4 0°C to +110°C 5 Mbit 300 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21486KSWZ-2B 4 0°C to +110°C 5 Mbit 300 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21486KSWZ-2AB 4 0°C to +110°C 5 Mbit 300 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21486KSWZ-2BB 4 0°C to +110°C 5 Mbit 300 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21486KSWZ-3A 4 0°C to +110°C 5 Mbit 350 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21486KSWZ-3B 4 0°C to +110°C 5 Mbit 350 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21486KSWZ-3AB 4 0°C to +110°C 5 Mbit 350 MHz 100-Lead LQFP_EP SW-100-2 ADSP21486KSWZ3ABRL 4 0°C to +110°C 5 Mbit 350 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21486KSWZ-3BB 4 0°C to +110°C 5 Mbit 350 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21486KSWZ-4A 4 0°C to +110°C 5 Mbit 400 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21486KSWZ-4AB 4 0°C to +110°C 5 Mbit 400 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21487KCPZ-4 4 0°C to +115°C 5 Mbit 400 MHz 88-Lead LFCSP_VQ CP-88-5 ADSP-21487KSWZ-2B 4 0°C to +110°C 5 Mbit 300 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21487KSWZ-2BB 4 0°C to +110°C 5 Mbit 300 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21487KSWZ-3B 4 0°C to +110°C 5 Mbit 350 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21487KSWZ-3BB 4 0°C to +110°C 5 Mbit 350 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21487KSWZ-4B 4 0°C to +110°C 5 Mbit 400 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21487KSWZ-4BB 4 0°C to +110°C 5 Mbit 400 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21487KSWZ-5B 4, 5 0°C to +115°C 5 Mbit 450 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21487KSWZ-5BB 4, 5 0°C to +115°C 5 Mbit 450 MHz 176-Lead LQFP_EP SW-176-2 ADSP21487KSWZ5BBRL 4, 5 0°C to +115C 5 Mbit 450 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21488BSWZ-3A –40°C to +125°C 3 Mbit 350 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21488KSWZ-3A 0°C to +110°C 3 Mbit 350 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21488KSWZ-3A1 6 0°C to +110°C 3 Mbit 350 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21488KSWZ-3B 0°C to +110C 3 Mbit 350 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21488BSWZ-3B –40°C to +125°C 3 Mbit 350 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21488KSWZ-4A 0°C to +110°C 3 Mbit 400 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21488BSWZ-4A –40°C to +125°C 3 Mbit 400 MHz 100-Lead LQFP_EP SW-100-2 ADSP-21488KSWZ-4B 0°C to +110°C 3 Mbit 400 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21488BSWZ-4B –40°C to +125°C 3 Mbit 400 MHz 176-Lead LQFP_EP SW-176-2 ADSP-21488KSWZ-4B1 6 0°C to +110°C 3 Mbit 400 MHz 176-Lead LQFP_EP SW-176-2 |