Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADSP-21486KSWZ-2AB Fiches technique(PDF) 58 Page - Analog Devices

No de pièce ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Fiches technique(HTML) 58 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 54Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 55Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 56Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 57Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 58Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 59Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 60Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 61Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 71 page
background image
Rev. H
|
Page 58 of 71
|
February 2020
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
88-LEAD LFCSP_VQ LEAD ASSIGNMENT
Table 59 lists the 88-Lead LFCSP_VQ package lead names.
Table 59. 88-Lead LFCSP_VQ Lead Assignments (Numerical by Lead Number)
Lead Name
Lead No.
Lead Name
Lead No.
Lead Name
Lead No.
Lead Name
Lead No.
CLK_CFG1
1
VDD_EXT
23
DAI_P10
45
VDD_INT
67
BOOT_CFG0
2
DPI_P08
24
VDD_INT
46
FLAG0
68
VDD_EXT
3
DPI_P07
25
VDD_EXT
47
VDD_INT
69
VDD_INT
4
DPI_P09
26
DAI_P20
48
FLAG1
70
BOOT_CFG1
5
DPI_P10
27
VDD_INT
49
FLAG2
71
GND
6
DPI_P11
28
DAI_P08
50
FLAG3
72
CLK_CFG0
7
DPI_P12
29
DAI_P04
51
GND
73
VDD_INT
8
DPI_P13
30
DAI_P14
52
GND
74
CLKIN
9
DAI_P03
31
DAI_P18
53
VDD_EXT
75
XTAL
10
DPI_P14
32
DAI_P17
54
GND
76
VDD_EXT
11
VDD_INT
33
DAI_P16
55
VDD_INT
77
VDD_INT
12
DAI_P13
34
DAI_P15
56
TRST
78
VDD_INT
13
DAI_P07
35
DAI_P12
57
EMU
79
RESETOUT/RUNRSTIN 14
DAI_P19
36
DAI_P11
58
TDO
80
VDD_INT
15
DAI_P01
37
VDD_INT
59
VDD_EXT
81
DPI_P01
16
DAI_P02
38
GND
60
VDD_INT
82
DPI_P02
17
VDD_INT
39
THD_M
61
TDI
83
DPI_P03
18
VDD_EXT
40
THD_P
62
TCK
84
VDD_INT
19
VDD_INT
41
VDD_THD
63
VDD_INT
85
DPI_P05
20
DAI_P06
42
VDD_INT
64
RESET
86
DPI_P04
21
DAI_P05
43
VDD_INT
65
TMS
87
DPI_P06
22
DAI_P09
44
VDD_INT
66
VDD_INT
88
GND
89*
* Lead no. 89 is the GND supply (see Figure 47 and Figure 48) for the processor; this pad must be robustly connected to GND for the processor
to function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71