Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADSP-21486KSWZ-2AB Fiches technique(PDF) 27 Page - Analog Devices

No de pièce ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Fiches technique(HTML) 27 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 23Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 24Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 25Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 26Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 27Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 28Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 29Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 30Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. H
|
Page 27 of 71
|
February 2020
Interrupts
The following timing specification applies to the FLAG0,
FLAG1, and FLAG2 pins when they are configured as IRQ0,
IRQ1, and IRQ2 interrupts, as well as the DAI_P20–1 and
DPI_P14–1 pins when they are configured as interrupts.
Core Timer
The following timing specification applies to FLAG3 when it is
configured as the core timer (TMREXP).
Table 22. Interrupts
Parameter
Min
Max
Unit
Timing Requirement
tIPW
IRQx Pulse Width
2 × tPCLK +2
ns
Figure 9. Interrupts
INTERRUPT
INPUTS
tIPW
Table 23. Core Timer
Parameter
Min
Max
Unit
Switching Characteristic
tWCTIM
TMREXP Pulse Width
4 × tPCLK – 1
ns
Figure 10. Core Timer
FLAG3
(TMREXP)
tWCTIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71