Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PDP83TG720SWCSTQ1 Fiches technique(PDF) 83 Page - Texas Instruments

No de pièce PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Fiches technique(HTML) 83 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 79Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 80Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 81Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 82Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 83Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 84Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 85Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 86Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 199 page
background image
7.6.2.27 TDR_CFG4 Register (Address = 0x305) [reset = 0x5]
TDR_CFG4 is shown in Table 7-50.
Return to the Summary Table.
Table 7-50. TDR_CFG4 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-9
RESERVED
R
7b0000000
Reserved
8
mas_mode_tdr
R/W
1b0
Master slave config during TDR
7-6
pi_pud_ctrl_tdr
R/W
2b00
PUD control during TDR
5
pi_pud_clk_tdr
R/W
1b0
PUD clock during TDR
4-2
hpf_gain_tdr
R/W
3b001
HPF gain during TDR
1-0
pga_gain_tdr
R/W
2b01
PGA gain during TDR
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More