Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PDP83TG720SWCSTQ1 Fiches technique(PDF) 45 Page - Texas Instruments

No de pièce PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Fiches technique(HTML) 45 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 41Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 42Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 43Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 44Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 45Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 46Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 47Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 48Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 199 page
background image
4. Write the content of the desired extended register set to register ADDAR.
Subsequent writes to register ADDAR (step 4) write the next higher addressed data register selected by the
value of the address register; the address register is incremented after each access.
7.4.16.1 Example - Write Operation (Post Increment)
To write a register in the MMD1 extended register set with post increment:
1. Write the value 0x0001 (address function field = 00, DEVAD = '00001') to register REGCR.
2. Write the desired register address to register ADDAR.
3. Write the value 0x8001 (data, post increment function field = 10, DEVAD = '00001') or the value 0xC001
(data, post increment on writes function field = 11, DEVAD = '00001') to register REGCR.
4. Write the content of the desired extended register set to register ADDAR.
7.4.17 Read Operation (Post Increment)
To read a register in the extended register set and automatically increment the address register to the next
higher value following the write operation:
1. Write the value 0x001F (address function field = 00, DEVAD = '11111') to register REGCR.
2. Write the desired register address to register ADDAR.
3. Write the value 0x801F (data, post increment function field = 10, DEVAD = '11111') to register REGCR.
4. Read the content of the desired extended register set in register ADDAR.
Subsequent reads to register ADDAR (step 4) read the next higher addressed data register selected by the
value of the address register; the address register is incremented after each access.
7.4.17.1 Example - Read Operation (Post Increment)
To read a register in the MMD1 extended register set and automatically increment the address register to the
next higher value following the write operation:
1. Write the value 0x0001 (address function field = 00, DEVAD = '00001') to register REGCR.
2. Write the desired register address to register ADDAR.
3. Write the value 0x8001 (data, post increment function field = 10, DEVAD = '00001') to register REGCR.
4. Read the content of the desired extended register set in register ADDAR.
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More