Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PDP83TG720SWCSTQ1 Fiches technique(PDF) 67 Page - Texas Instruments

No de pièce PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Fiches technique(HTML) 67 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 63Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 64Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 65Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 66Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 67Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 68Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 69Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 70Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 199 page
background image
7.6.2.11 MII_REG_18 Register (Address = 0x18) [reset = 0x8]
MII_REG_18 is shown in Table 7-34.
Return to the Summary Table.
Table 7-34. MII_REG_18 Register Field Descriptions
Bit
Field
Type
Reset
Description
15
ack_received_int
R
1b0
Ack received interrupt status (OAM)
14
tx_valid_clr_int
R
1b0
mr_tx_valid clear interrupt status (OAM)
13
link_state_ind_fall_bmw_i
nt
R
1b0
BMW interrupt status (see advanced features)
12
link_state_ind_rise_bmw_i
nt
R
1b0
BMW interrupt status(see advanced features)
11
por_done_int
R
1b0
POR done interrupt status
10
no_frame_int
R
1b0
No frame detect interrupt status
9
wake_req_int
R
1b0
Wake request interrupt status
8
lps_int
R
1b0
LPS interrupt status
7
ack_received_int_en
R/W
1b0
Ack received interrupt enable (OAM)
6
tx_valid_clr_int_en
R/W
1b0
mr_tx_valid clear interrupt enable (OAM)
5
link_state_ind_fall_bmw_i
nt_en
R/W
1b0
BMW interrupt (see advanced features)
4
link_state_ind_rise_bmw_i
nt_en
R/W
1b0
BMW interrupt (see advanced features)
3
por_done_int_en
R/W
1b1
POR done interrupt enable
2
no_frame_int_en
R/W
1b0
No frame detect interrupt enable
1
wake_req_int_en
R/W
1b0
Wake request interrupt enable
0
lps_int_en
R/W
1b0
LPS interrupt enable
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More