Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 116 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 116 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 112Page - Microchip Technology PIC24H Datasheet HTML 113Page - Microchip Technology PIC24H Datasheet HTML 114Page - Microchip Technology PIC24H Datasheet HTML 115Page - Microchip Technology PIC24H Datasheet HTML 116Page - Microchip Technology PIC24H Datasheet HTML 117Page - Microchip Technology PIC24H Datasheet HTML 118Page - Microchip Technology PIC24H Datasheet HTML 119Page - Microchip Technology PIC24H Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 290 page
background image
PIC24H
DS70175D-page 116
Preliminary
© 2006 Microchip Technology Inc.
7.2.5
CONTINUOUS OR ONE-SHOT
OPERATION
Each DMA channel can be configured for One-Shot or
Continuous mode operation.
If MODE<0> (DMAxCON<0>) is clear, the channel
operates in Continuous mode.
When all data has been moved (i.e., buffer end has
been detected), the channel is automatically reconfig-
ured for subsequent use. During the last data transfer,
the next Effective Address generated will be the origi-
nal start address (from the selected DMAxSTA or
DMAxSTB register). If the HALF bit (DMAxCON<12>)
is clear, the transfer complete interrupt flag (DMAxIF)
is set. If the HALF bit is set, DMAxIF will not be set at
this time and the channel will remain enabled.
If MODE<0> is set, the channel operates in One-Shot
mode. When all data has been moved (i.e., buffer end
has been detected), the channel is automatically dis-
abled. During the last data transfer, no new Effective
Address is generated and the DMA RAM Address
register retains the last DMA RAM address that was
accessed. If the HALF bit is clear, the DMAxIF bit is
set. If the HALF bit is set, the DMAxIF will not be set at
this time and the channel is automatically disabled.
7.2.6
PING-PONG MODE
When the MODE<1> bit (DMAxCON<1>) is set by the
user, Ping-Pong mode is enabled.
In this mode, successive block transfers alternately
select DMAxSTA and DMAxSTB as the DMA RAM
start address. In this way, a single DMA channel can
be used to support two buffers of the same length in
DMA RAM. Using this technique maximizes data
throughput by allowing the CPU time to process one
buffer while the other is being loaded.
7.2.7
MANUAL TRANSFER MODE
A manual DMA request can be created by setting the
FORCE bit (DMAxREQ<15>) in software. If already
enabled, the corresponding DMA channel executes a
single data element transfer rather than a block trans-
fer.
The FORCE bit is cleared by hardware when the
forced DMA transfer is complete and cannot be
cleared by the user. Any attempt to set this bit prior to
completion of a DMA request that is underway will
have no effect.
The manual DMA transfer function is a one-time event.
The DMA channel always reverts to normal operation
(i.e., based on hardware DMA requests) after a forced
(manual) transfer.
This mode provides the user a straightforward method
of initiating a block transfer. For example, using
Manual mode to transfer the first data element into a
serial peripheral allows subsequent data within the
buffer to be moved automatically by the DMAC using a
‘transmit buffer empty’ DMA request.
7.2.8
DMA REQUEST SOURCE
SELECTION
Each DMA channel can select between one of 128
interrupt sources to be a DMA request for that chan-
nel, based on the contents of the IRQSEL<6:0> bits
(DMAxREQ<6:0>. The available interrupt sources are
device dependent. Please refer to Table 7-1 for IRQ
numbers associated with each of the interrupt sources
that can generate a DMA transfer.
7.3
DMA Interrupts and Traps
Each DMA channel can generate an independent
‘block transfer complete’ (HALF = 0) or ‘half block
transfer complete’ (HALF = 1) interrupt. Every DMA
channel has its own interrupt vector and therefore,
does not use the interrupt vector of the peripheral to
which it is assigned. If a peripheral contains multi-word
buffers, the buffering function must be disabled in the
peripheral in order to use DMA. DMA interrupt
requests are only generated by data transfers and not
by peripheral error conditions.
The DMA controller can also react to peripheral and
DMA RAM write collision error conditions through a
nonmaskable CPU trap event. A DMA error trap is
generated in either of the following Fault conditions:
• DMA RAM data write collision between the CPU
and a peripheral
- This condition occurs when the CPU and a
peripheral attempt to write to the same DMA
RAM address simultaneously
• Peripheral SFR data write collision between the
CPU and the DMA controller
- This condition occurs when the CPU and the
DMA controller attempt to write to the same
peripheral SFR simultaneously
The channel DMA RAM and peripheral write collision
Faults are combined into a single DMAC error trap
(Level 10) and are nonmaskable. Each channel has
DMA RAM Write Collision (XWCOLx) and Peripheral
Write Collision (PWCOLx) status bits in the DMAC
Status register (DMACS) to allow the DMAC error trap
handler to determine the source of the Fault condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com