Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 209 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 209 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 205Page - Microchip Technology PIC24H Datasheet HTML 206Page - Microchip Technology PIC24H Datasheet HTML 207Page - Microchip Technology PIC24H Datasheet HTML 208Page - Microchip Technology PIC24H Datasheet HTML 209Page - Microchip Technology PIC24H Datasheet HTML 210Page - Microchip Technology PIC24H Datasheet HTML 211Page - Microchip Technology PIC24H Datasheet HTML 212Page - Microchip Technology PIC24H Datasheet HTML 213Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 290 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70175D-page 209
PIC24H
19.0
10-BIT/12-BIT A/D CONVERTER
The PIC24H devices have up to 32 A/D input channels.
These devices also have up to 2 A/D converter mod-
ules (ADCx, where ‘x’ = 1 or 2), each with its own set of
Special Function Registers.
The AD12B bit (ADxCON1<10>) allows each of the
A/D modules to be configured by the user as either a
10-bit, 4-sample/hold A/D (default configuration) or a
12-bit, 1-sample/hold A/D.
19.1
Key Features
The 10-bit A/D configuration has the following key
features:
• Successive Approximation (SAR) conversion
• Conversion speeds of up to 1.1 Msps
• Up to 32 analog input pins
• External voltage reference input pins
• Simultaneous sampling of up to four analog input
pins
• Automatic Channel Scan mode
• Selectable conversion trigger source
• Selectable Buffer Fill modes
• Four result alignment options (signed/unsigned,
fractional/integer)
• Operation during CPU Sleep and Idle modes
The 12-bit A/D configuration supports all the above
features, except:
• In the 12-bit configuration, conversion speeds of
up to 500 ksps are supported
• There is only 1 sample/hold amplifier in the 12-bit
configuration, so simultaneous sampling of
multiple channels is not supported.
Depending on the particular device pinout, the A/D con-
verter can have up to 32 analog input pins, designated
AN0 through AN31. In addition, there are two analog
input pins for external voltage reference connections.
These voltage reference inputs may be shared with
other analog input pins. The actual number of analog
input pins and external voltage reference input config-
uration will depend on the specific device. Refer to the
device data sheet for further details.
A block diagram of the A/D converter is shown in
Figure 19-1.
19.2
A/D Initialization
The following configuration steps should be performed.
1.
Configure the A/D module:
a)
Select
port
pins
as
analog
inputs
(ADxPCFGH<15:0> or ADxPCFGL<15:0>)
b)
Select voltage reference source to match
expected
range
on
analog
inputs
(ADxCON2<15:13>)
c)
Select the analog conversion clock to
match desired data rate with processor
clock (ADxCON3<5:0>)
d)
Determine how many S/H channels will
be
used
(ADxCON2<9:8>
and
ADxPCFGH<15:0> or ADxPCFGL<15:0>)
e)
Select the appropriate sample/conversion
sequence
(ADxCON1<7:5>
and
ADxCON3<12:8>)
f)
Select
how
conversion
results
are
presented in the buffer (ADxCON1<9:8>)
g)
Turn on A/D module (ADxCON1<15>)
2.
Configure A/D interrupt (if required):
a)
Clear the ADxIF bit
b)
Select A/D interrupt priority
19.3
ADC and DMA
If more than one conversion result needs to be buffered
before triggering an interrupt, DMA data transfers can
be used. Both ADC1 and ADC2 can trigger a DMA data
transfer. If ADC1 or ADC2 is selected as the DMA IRQ
source, a DMA transfer occurs when the AD1IF or
AD2IF bit gets set as a result of an ADC1 or ADC2
sample conversion sequence.
The SMPI<3:0> bits (ADxCON2<5:2>) are used to
select how often the DMA RAM buffer pointer is
incremented.
The ADDMABM bit (ADxCON1<12>) determines how
the conversion results are filled in the DMA RAM buffer
area being used for ADC. If this bit is set, DMA buffers
are written in the order of conversion. The module will
provide an address to the DMA channel that is the
same
as
the
address
used
for
the
non-DMA
stand-alone buffer. If the ADDMABM bit is cleared,
then DMA buffers are written in Scatter/Gather mode.
The module will provide a scatter/gather address to the
DMA channel, based on the index of the analog input
and the size of the DMA buffer.
Note:
This data sheet summarizes the features
of this group of PIC24H devices. It is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to the “dsPIC30F
Family Reference Manual” (DS70046).
Note:
The A/D module needs to be disabled
before modifying the AD12B bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com