Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 203 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 203 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 199Page - Microchip Technology PIC24H Datasheet HTML 200Page - Microchip Technology PIC24H Datasheet HTML 201Page - Microchip Technology PIC24H Datasheet HTML 202Page - Microchip Technology PIC24H Datasheet HTML 203Page - Microchip Technology PIC24H Datasheet HTML 204Page - Microchip Technology PIC24H Datasheet HTML 205Page - Microchip Technology PIC24H Datasheet HTML 206Page - Microchip Technology PIC24H Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 290 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70175D-page 203
PIC24H
REGISTER 18-23: CiRXOVF1: ECAN MODULE RECEIVE BUFFER OVERFLOW REGISTER 1
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXOVF15
RXOVF14
RXOVF13
RXOVF12
RXOVF11
RXOVF10
RXOVF9
RXOVF8
bit 15
bit 8
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXOVF7
RXOVF6
RXOVF5
RXOVF4
RXOVF3
RXOVF2
RXOVF1
RXOVF0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
RXOVF<15:0>: Receive Buffer n Overflow bits
1
= Module pointed a write to a full buffer (set by module)
0
= Overflow is cleared (clear by application software)
REGISTER 18-24: CiRXOVF2: ECAN MODULE RECEIVE BUFFER OVERFLOW REGISTER 2
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXOVF31
RXOVF30
RXOVF29
RXOVF28
RXOVF27
RXOVF26
RXOVF25
RXOVF24
bit 15
bit 8
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXOVF23
RXOVF22
RXOVF21
RXOVF20
RXOVF19
RXOVF18
RXOVF17
RXOVF16
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
RXOVF<31:16>: Receive Buffer n Overflow bits
1
= Module pointed a write to a full buffer (set by module)
0
= Overflow is cleared (clear by application software)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com