Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 183 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 183 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 179Page - Microchip Technology PIC24H Datasheet HTML 180Page - Microchip Technology PIC24H Datasheet HTML 181Page - Microchip Technology PIC24H Datasheet HTML 182Page - Microchip Technology PIC24H Datasheet HTML 183Page - Microchip Technology PIC24H Datasheet HTML 184Page - Microchip Technology PIC24H Datasheet HTML 185Page - Microchip Technology PIC24H Datasheet HTML 186Page - Microchip Technology PIC24H Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 290 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70175D-page 183
PIC24H
18.5
Message Transmission
18.5.1
TRANSMIT BUFFERS
The CAN module has up to eight transmit buffers,
located in DMA RAM. These 8 buffers need to be con-
figured as transmit buffers by setting the corresponding
TX/RX buffer selection (TXENn or TXENm) bit in a
CiTRmnCON register. The overall size of the CAN
buffer area in DMA RAM is selectable by the user and
is
defined
by
the
DMABS<2:0>
bits
(CiFCTRL<15:13>).
Each transmit buffer occupies 16 bytes of data. Eight of
the bytes are the maximum 8 bytes of the transmitted
message. Five bytes hold the standard and extended
identifiers and other message arbitration information.
The last byte is unused.
18.5.2
TRANSMIT MESSAGE PRIORITY
Transmit priority is a prioritization within each node of
the pending transmittable messages. There are four
levels of transmit priority. If the TXnPRI<1:0> bits (in
CiTRmnCON) for a particular message buffer are set to
‘11’, that buffer has the highest priority. If the
TXnPRI<1:0> bits for a particular message buffer are
set to ‘10’ or ‘01’, that buffer has an intermediate prior-
ity. If the TXnPRI<1:0> bits for a particular message
buffer are ‘00’, that buffer has the lowest priority. If two
or more pending messages have the same priority, the
messages are transmitted in decreasing order of buffer
index.
18.5.3
TRANSMISSION SEQUENCE
To initiate transmission of the message, the TXREQn
bit (in CiTRmnCON) must be set. The CAN bus module
resolves any timing conflicts between the setting of the
TXREQn bit and the Start-of-Frame (SOF), ensuring
that if the priority was changed, it is resolved correctly
before the SOF occurs. When TXREQn is set, the
TXABTn, TXLARBn and TXERRn flag bits are
automatically cleared.
Setting the TXREQn bit simply flags a message buffer
as enqueued for transmission. When the module
detects an available bus, it begins transmitting the
message which has been determined to have the
highest priority.
If the transmission completes successfully on the first
attempt, the TXREQn bit is cleared automatically and
an interrupt is generated if TXnIE was set.
If the message transmission fails, one of the error con-
dition flags will be set and the TXREQn bit will remain
set, indicating that the message is still pending for
transmission. If the message encountered an error
condition during the transmission attempt, the TXERRn
bit will be set and the error condition may cause an
interrupt. If the message loses arbitration during the
transmission attempt, the TXLARBn bit is set. No
interrupt is generated to signal the loss of arbitration.
18.5.4
AUTOMATIC PROCESSING OF
REMOTE TRANSMISSION
REQUESTS
If the RTRENn bit (in the CiTRmnCON register) for a
particular transmit buffer is set, the hardware automat-
ically transmits the data in that buffer in response to
remote transmission requests matching the filter that
points to that particular buffer. The user does not need
to manually initiate a transmission in this case.
18.5.5
ABORTING MESSAGE
TRANSMISSION
The system can also abort a message by clearing the
TXREQ bit associated with each message buffer. Set-
ting the ABAT bit (CiCTRL1<12>) will request an abort
of all pending messages. If the message has not yet
started transmission, or if the message started but is
interrupted by loss of arbitration or an error, the abort
will be processed. The abort is indicated when the
module sets the TXABT bit and the TXnIF flag is not
automatically set.
18.5.6
TRANSMISSION ERRORS
The CAN module will detect the following transmission
errors:
• Acknowledge Error
• Form Error
• Bit Error
These transmission errors will not necessarily generate
an interrupt, but are indicated by the transmission error
counter. However, each of these errors will cause the
transmission error counter to be incremented by one.
Once the value of the error counter exceeds the value
of 96, the ERRIF (CiINTF<5>) and the TXWAR bit
(CiINTF<10>) are set. Once the value of the error
counter exceeds the value of 96, an interrupt is
generated and the TXWAR bit in the Interrupt Flag
register is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com