Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 177 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 177 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 173Page - Microchip Technology PIC24H Datasheet HTML 174Page - Microchip Technology PIC24H Datasheet HTML 175Page - Microchip Technology PIC24H Datasheet HTML 176Page - Microchip Technology PIC24H Datasheet HTML 177Page - Microchip Technology PIC24H Datasheet HTML 178Page - Microchip Technology PIC24H Datasheet HTML 179Page - Microchip Technology PIC24H Datasheet HTML 180Page - Microchip Technology PIC24H Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 290 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70175D-page 177
PIC24H
bit 4
RIDLE: Receiver Idle bit (read-only)
1
= Receiver is Idle
0
= Receiver is active
bit 3
PERR: Parity Error Status bit (read-only)
1
= Parity error has been detected for the current character (character at the top of the receive FIFO)
0
= Parity error has not been detected
bit 2
FERR: Framing Error Status bit (read-only)
1
= Framing error has been detected for the current character (character at the top of the receive
FIFO)
0
= Framing error has not been detected
bit 1
OERR: Receive Buffer Overrun Error Status bit (read/clear only)
1
= Receive buffer has overflowed
0
= Receive buffer has not overflowed. Clearing a previously set OERR bit (1
→ 0 transition) will reset
the receiver buffer and the UxRSR to the empty state.
bit 0
URXDA: Receive Buffer Data Available bit (read-only)
1
= Receive buffer has data, at least one more character can be read
0
= Receive buffer is empty
REGISTER 17-2:
UxSTA: UARTx STATUS AND CONTROL REGISTER (CONTINUED)
Note 1:
Value of bit only affects the transmit properties of the module when the IrDA encoder is enabled
(IREN = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com