| Moteur de recherche de fiches techniques de composants électroniques |
|
XRT7250 Fiches technique(PDF) 356 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 Fiches technique(HTML) 356 Page - Exar Corporation |
|
356 / 463 page ![]() áç áç áç áç XRT7250 DS3/E3 FRAMER IC REV. 1.1.1 337 Each of the input and output pins of the Transmit Pay- load Data Input Interface are listed in Table 70 and described below. The exact role that each of these inputs and output pins assume, for a variety of operat- ing scenarios are described throughout this section. FIGURE 156. A SIMPLE ILLUSTRATION OF THE TRANSMIT PAYLOAD DATA INPUT INTERFACE BLOCK Transmit Payload Data Input Interface Block Transmit Payload Data Input Interface Block TxOH_Ind TxSer TxNib[3:0] TxInClk TxNibClk TxFrame TxFrameRef To Transmit E3 Framer Block |