| Moteur de recherche de fiches techniques de composants électroniques |
|
XRT7250 Fiches technique(PDF) 355 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 Fiches technique(HTML) 355 Page - Exar Corporation |
|
355 / 463 page ![]() XRT7250 áç áç áç áç DS3/E3 FRAMER IC REV. 1.1.1 336 Each of these functional blocks will be discussed in detail in this document. 6.2.1 The Transmit Payload Data Input Interface Block Figure 156 presents a simple illustration of the Trans- mit Payload Data Input Interface block. FIGURE 155. A SIMPLE ILLUSTRATION OF THE TRANSMIT SECTION, WITHIN THE XRT7250, WHEN IT HAS BEEN CON- FIGURED TO OPERATE IN THE E3 MODE Transmit Payload Data Input Interface Block Transmit DS3/E3 Framer Block Transmit LIU Interface Block TxSer TxNib[3:0] TxInClk TxPOS TxNEG TxLineClk Transmit Overhead Input Interface Block TxOHClk TxOHIns TxOHInd TxOH TxOHEnable TxOHFrame TxNibClk TxFrame Tx E3 HDLC Controller/Buffer Tx E3 HDLC Controller/Buffer From Microprocessor Interface Block |