| Moteur de recherche de fiches techniques de composants électroniques |
|
XRT7250 Fiches technique(PDF) 45 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 Fiches technique(HTML) 45 Page - Exar Corporation |
|
45 / 463 page ![]() XRT7250 DS3/E3 FRAMER IC áç áç áç áç REV. 1.1.1 26 FIGURE 3. TIMING DIAGRAM FOR THE TRANSMIT PAYLOAD DATA INPUT INTERFACE, WHEN THE XRT7250 DEVICE IS OPERATING IN BOTH THE DS3/NIBBLE AND LOOPED-TIMING MODES RxOutClk TxNibFrame TxNibClk TxNib[3:0] Nibble [1175] Nibble [0] t13 t13A FIGURE 4. TIMING DIAGRAM FOR THE TRANSMIT PAYLOAD DATA INPUT INTERFACE, WHEN THE XRT7250 DEVICE IS OPERATING IN THE DS3/NIBBLE AND LOCAL-TIMING MODES DS3 Frame Number N DS3 Frame Number N + 1 TxInClk TxNibFrame TxNibClk TxNib[3:0] Nibble [1175] Nibble [0] Sampling Edge of the XRT7250 Device t14 t15 TxFrameRef t16 t17 t18 |