| Moteur de recherche de fiches techniques de composants électroniques |
|
XRT7250 Fiches technique(PDF) 232 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 Fiches technique(HTML) 232 Page - Exar Corporation |
|
232 / 463 page ![]() áç áç áç áç DS3/E3 FRAMER IC XRT7250 REV. 1.1.1 213 TABLE 44: THE RELATIONSHIP BETWEEN THE NUMBER OF RXOHENABLE OUTPUT PULSES ((SINCE RXOHFRAME WAS LAST SAMPLED "HIGH") TO THE DS3 OVERHEAD BIT, THAT IS BEING OUTPUT VIA THE RXOH OUTPUT PIN NUMBER OF RXOHENABLE OUTPUT PULSES THE OVERHEAD BIT BEING OUTPUT BY THE XRT7250 0 (The RxOHEnable and RxOHFrame signals are both sampled "High") X 1F1 2AIC 3F0 4NA 5F0 6 FEAC 7F1 8X 9F1 10 UDL 11 F0 12 UDL 13 F0 14 UDL 15 F1 16 P 17 F1 18 CP 19 F0 20 CP 21 F0 22 CP 23 F1 24 P 25 F1 26 FEBE 27 F0 28 FEBE 29 F0 30 FEBE 31 F1 32 M0 33 F1 34 DL 35 F0 36 DL 37 F0 38 DL |