| Moteur de recherche de fiches techniques de composants électroniques |
|
XRT7250 Fiches technique(PDF) 229 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 Fiches technique(HTML) 229 Page - Exar Corporation |
|
229 / 463 page ![]() XRT7250 DS3/E3 FRAMER IC áç áç áç áç REV. 1.1.1 210 Method 2 - Using RxOutClk and the RxOHEnable signals Method 1 requires that the Terminal Equipment be able to handle an additional clock signal, RxOHClk. However, there may be a situation in which the Termi- nal Equipment circuitry does not have the means to accommodate and process this extra clock signal, in order to use the Receive Overhead Data Output Inter- face. Hence, Method 2 is available. Method 2 in- volves the use of the following signals. • RxOH • RxOutClk • RxOHEnable • RxOHFrame Each of these signals are listed and described below in Table 43. FIGURE 89. ILLUSTRATION OF THE SIGNALS THAT ARE OUTPUT VIA THE RECEIVE OVERHEAD OUTPUT INTERFACE (FOR METHOD 1). RxOHClk RxOHFrame RxOH X F1 AIC F0 FEAC Terminal Equipment should sample the “RxOHFrame” and “RxOH” signals here. Recommended Sampling Edges |