Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB333X Fiches technique(PDF) 75 Page - Microchip Technology

No de pièce USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Fiches technique(HTML) 75 Page - Microchip Technology

Back Button USB333X Datasheet HTML 71Page - Microchip Technology USB333X Datasheet HTML 72Page - Microchip Technology USB333X Datasheet HTML 73Page - Microchip Technology USB333X Datasheet HTML 74Page - Microchip Technology USB333X Datasheet HTML 75Page - Microchip Technology USB333X Datasheet HTML 76Page - Microchip Technology USB333X Datasheet HTML 77Page - Microchip Technology USB333X Datasheet HTML 78Page - Microchip Technology USB333X Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 75
USB333x
9.0
PACKAGE OUTLINES, TAPE & REEL DRAWINGS, PACKAGE MARKING
FIGURE 9-1:
25WLCSP, 1.97X1.97MM BODY, 0.4MM PITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85