| Moteur de recherche de fiches techniques de composants électroniques |
|
USB333X Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB333X Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 85 page ![]() 2009 - 2015 Microchip Technology Inc. DS00001880A-page 21 USB333x 4.12 ESD and Latch-Up Performance Note 4-10 USB3331, USB3336, and USB3338: REFCLK, RESETB , VBUS, SPK_L and SPK_R pins: ±5kV Human Body Model Note 4-11 USB3330 and USB3333 : REFCLK, RESETB, VBUS, REF[1] and REF[0] pins: ±5kV Human Body Model TABLE 4-13: ESD AND LATCH-UP PERFORMANCE Parameter Conditions MIN TYP MAX Units Comments ESD PERFORMANCE Note 4-10, Note 4-11 Human Body Model ±8 kV Device System EN/IEC 61000-4-2 Contact Discharge ±25 kV 3rd party system test System EN/IEC 61000-4-2 Air-gap Discharge ±25 kV 3rd party system test LATCH-UP PERFORMANCE All Pins EIA/JESD 78, Class II 150 mA |