Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB333X Fiches technique(PDF) 71 Page - Microchip Technology

No de pièce USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Fiches technique(HTML) 71 Page - Microchip Technology

Back Button USB333X Datasheet HTML 67Page - Microchip Technology USB333X Datasheet HTML 68Page - Microchip Technology USB333X Datasheet HTML 69Page - Microchip Technology USB333X Datasheet HTML 70Page - Microchip Technology USB333X Datasheet HTML 71Page - Microchip Technology USB333X Datasheet HTML 72Page - Microchip Technology USB333X Datasheet HTML 73Page - Microchip Technology USB333X Datasheet HTML 74Page - Microchip Technology USB333X Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 71
USB333x
FIGURE 8-1:
USB333X DEVICE APPLICATION DIAGRAM (CONFIGURED FOR ULPI CLOCK
OUTPUT MODE)
3.0-5.5V
Supply
RVBUS must be installed to
enable overvoltage
protection of the VBUS pin.
The capacitor CVBUS
must be installed on
this side of RVBUS.
ULPI Output
Clock Mode
Link Controller
DIR
NXT
STP
CLKIN
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
RESETB
REFCLK
USB
Receptacle
DM
DP
VBUS
SHIELD
GND
RBIAS
USB3331/USB3336/
USB3338
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
D3
E4
E5
D4
D5
C4
C5
B4
A3
B5
A4
A5
REFCLK A2
RESETB B2
VBUS
C2
VBAT
C1
VDD33
D2
ID
B1
DM
DP
D1
E1
SPK_L
SPK_R
E2
E3
GND
C3
A1
RBIAS
VDD18 B3
Optional
Switched Signal
to DP/DM
COUT
CBYP
RVBUS
CVBUS
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85