Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB333X Fiches technique(PDF) 72 Page - Microchip Technology

No de pièce USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Fiches technique(HTML) 72 Page - Microchip Technology

Back Button USB333X Datasheet HTML 68Page - Microchip Technology USB333X Datasheet HTML 69Page - Microchip Technology USB333X Datasheet HTML 70Page - Microchip Technology USB333X Datasheet HTML 71Page - Microchip Technology USB333X Datasheet HTML 72Page - Microchip Technology USB333X Datasheet HTML 73Page - Microchip Technology USB333X Datasheet HTML 74Page - Microchip Technology USB333X Datasheet HTML 75Page - Microchip Technology USB333X Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 85 page
background image
USB333x
DS00001880A-page 72
 2009 - 2015 Microchip Technology Inc.
FIGURE 8-2:
USB3330 OTG APPLICATION DIAGRAM (CONFIGURED FOR ULPI CLOCK
INPUT MODE)
VBUS
Switch
OUT
EN
IN
5V
USB3330
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
D3
E4
E5
D4
D5
C4
C5
B4
A3
B5
A4
A5
REFCLK A2
RESETB B2
VBUS
C2
VBAT
C1
VDD33
D2
ID
B1
DM
DP
D1
E1
REF[1]
REF[0]
E2
E3
GND
C3
A1
RBIAS
VDD18 B3
USB
Receptacle
DM
DP
ID
SHIELD
GND
VBUS
COUT
3.0-5.5V
Supply
CBYP
RVBUS
ULPI Clock
In Mode
Link Controller
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
RESETB
The capacitor CVBUS
must be installed on
this side of RVBUS.
CVBUS
RVBUS must be
installed to enable
overvoltage
protection of the
VBUS
pin.
CPEN
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85