| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7513T Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7513T Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 59 page ![]() 35/59 TDA7513T SUBADDRESS 1: PLL Lock detector, FM mode and test SUBADDRESS 2: PLL Counter 1 (LSB) SUBADDRESS 3: PLL Counter 2 (MSB) MSB LSB FUNCTION D7 D6 D5 D4 D3 D2 D1 D0 CHARGE PUMP 0 VCO adjust lock Disable 1 VCO adjust lock Enable 0 fref BYPASS Disable 1 fref BYPASS Enable TURNER/PLL AM/FM MODE 0 Select AM mode 1 Select FM mode LOCK DETECTOR CONTROL 0 0 PD phase difference threshold 10ns 0 1 PD phase difference threshold 20ns 1 0 PD phase difference threshold 30ns 1 1 PD phase difference threshold 40ns 00 Not valid 0 1 Activation delay 4x1/fREF 1 0 Activation delay 6x1/fREF 1 1 Activation delay 8x1/fREF 0 Lock detector doesn’t control charge pump 1 Lock detector controls charge pump MSB LSB FUNCTION D7 D6 D5 D4 D3 D2 D1 D0 00 00 0 0 0 0 LSB = 0 00 00 0 0 0 1 LSB = 1 00 00 0 0 1 0 LSB = 2 -- -- - - - - - 11 11 1 1 0 0 LSB = 252 11 11 1 1 0 1 LSB = 253 11 11 1 1 1 0 LSB = 254 11 11 1 1 1 1 LSB = 255 MSB LSB FUNCTION D7 D6 D5 D4 D3 D2 D1 D0 00 00 0 0 0 0 MSB = 0 00 00 0 0 0 1 MSB = 256 00 00 0 0 1 0 MSB = 512 -- -- - - - - - 11 11 1 1 0 0 MSB = 64768 11 11 1 1 0 1 MSB = 65024 11 11 1 1 1 0 MSB = 65280 11 11 1 1 1 1 MSB = 65536 Note: 1 Swallow mode:fVCO/fSYN = LSB + MSB + 32 |