Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7513T Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Fiches technique(HTML) 3 Page - STMicroelectronics

  TDA7513T Datasheet HTML 1Page - STMicroelectronics TDA7513T Datasheet HTML 2Page - STMicroelectronics TDA7513T Datasheet HTML 3Page - STMicroelectronics TDA7513T Datasheet HTML 4Page - STMicroelectronics TDA7513T Datasheet HTML 5Page - STMicroelectronics TDA7513T Datasheet HTML 6Page - STMicroelectronics TDA7513T Datasheet HTML 7Page - STMicroelectronics TDA7513T Datasheet HTML 8Page - STMicroelectronics TDA7513T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
3/59
TDA7513T
Table 2. Pin Description
PIN
PIN NAME
PIN FUNCTION
1
VREF5V
5V reference
2
TUNGND
tuner general ground
3
AMMIX1IN1
am mix1 input
4
AMMIX1IN2
am mix1 input
5
AMAGC1TC
am agc1 filter capacitor
6
AMAGC1IOUT
am agc1 current output
7
AMAGC1VOUT
am agc1 voltage output
8
FMMIX1IN1
fm mix1 input
9
RFGND
rf ground
10
FMMIX1IN2
fm mix1 input
11
FMAGCIOUT
fm agc current output
12
FMWAGCIN
fm agc RF input
13
FMAGCVOUT
fm agc voltage output
14
FMANTADJ
fm antenna filter adjustment
15
FMRFANDJ
fm rf filter adjustment
16
OSCGND
vco ground
17
VCOE
am/fm vco emitter
18
VCOB
am/fm vco base
19
OSCVCC
vco supply (8V)
20
LFOUT
PLL loop filter output
21
LFREF
PLL loop filter reference
22
LFIN
PLL loop filter input
23
LFHC
PLL loop filter high-current input
24
PLLVCC
PLL back-end supply
25
PLLGND
PLL back-end ground
26
XTALG
ref osc gate
27
XTALD
ref osc drain
28
DIGVCC
digital dirty supply (8V)
29
DIGGND
digital ground
30
TUNQUALITY
tuner combined output of multipath and adjacent channel detectors
31
ISSTC
ISS time constant
32
DEVTC
deviation detector time constant
33
VREF3V
3V reference
34
APGND
audio processor/stereo decoder ground
35
APVCC
audio processor/stereo decoder supply (8V)
36
OUTRR
audio out
37
OUTRL
audio out
38
OUTFR
audio out
39
OUTFL
audio out
40
ACRIN
ac coupling right input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com