Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7513T Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 6Page - STMicroelectronics TDA7513T Datasheet HTML 7Page - STMicroelectronics TDA7513T Datasheet HTML 8Page - STMicroelectronics TDA7513T Datasheet HTML 9Page - STMicroelectronics TDA7513T Datasheet HTML 10Page - STMicroelectronics TDA7513T Datasheet HTML 11Page - STMicroelectronics TDA7513T Datasheet HTML 12Page - STMicroelectronics TDA7513T Datasheet HTML 13Page - STMicroelectronics TDA7513T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
TDA7513T
10/59
Table 18. IF2 amplifier (Input at AMIF2AMPIN, fc = 450kHz, no mod)
Table 19. AGC2
Table 20. Audio output (output at TUNEROUT, 2.7k
Ω load)
Table 21. Field-strength Meter (Input at AMIF2AMPIN; fc = 450 kHz, no mod) (SG,emf level = V65 – 29dB)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Gv, max
gain, no AGC
max prog
64.8
dB
62.8
61.7
60.2
58.3
55.8
min prog
53.2
∆Gv
gain decrease in full AGC
w.r.t. Gv, max
-40
dB
Rin
input resistance
AMMIX2IN w.r.t. ground
2
k
Ω
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
AGC2R
AGC2 filtering
resistor
reception
150
k
Ω
seek
5
k
Ω
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Vaudio
audio level
rms, 30% modulation
305
mV
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
FS1
FSmeter1
V(AMIF2AMPIN) = 50 dB
µV0.7
dB
µV
FS2
FSmeter2
V(AMIF2AMPIN) = 70 dB
µV2.1
dB
µV
FS3
FSmeter3
V(AMIF2AMPIN) = 90 dB
µV4.2
dB
µV
FSR
FSmeter
filter resistor
min
SMETERTC pin
16.5
k
Ω
max
75
k
Ω
FFSS
Filtered
FSmeter Slider
min
0
V
max
1.5
V
step
48.4
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com