Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7513T Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 3Page - STMicroelectronics TDA7513T Datasheet HTML 4Page - STMicroelectronics TDA7513T Datasheet HTML 5Page - STMicroelectronics TDA7513T Datasheet HTML 6Page - STMicroelectronics TDA7513T Datasheet HTML 7Page - STMicroelectronics TDA7513T Datasheet HTML 8Page - STMicroelectronics TDA7513T Datasheet HTML 9Page - STMicroelectronics TDA7513T Datasheet HTML 10Page - STMicroelectronics TDA7513T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
7/59
TDA7513T
Table 9. Field-strength Meter (Input at FMMIX2IN; fc = 10.7MHz, no mod) (antenna level = V67 – 49dB)
Table 10. MPX output (output at TUNEROUT)
Table 11. Field-strength Stop Station (Input at FMMIX2IN – fc = 10.7MHz, no mod) (antenna level = V69 – 49dB)
Table 12. Soft Mute
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Rin
input resistance (single-ended)
FMIFAMP2IN to gnd
330
Ω
Rout
output resistance
330
Ω
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
FS1
FSmeter1
V(FMMIX2IN+) = 50 dB
µV1.4
dB
µV
FS2
FSmeter2
V(FMMIX2IN+) = 70 dB
µV2.7
dB
µV
FS3
FSmeter3
V(FMMIX2IN+) = 90 dB
µV4.4
dB
µV
FSR
FSmeter filtering resistor
SMETERTC pin
10.7
k
Ω
FFSS
Filtered
FSmeter Slider
min
0
V
max
1.5
V
step
50
mV
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Gc
conversion gain
5.42
mV/kHz
Vaudio
audio level
peak, 40kHz deviation
217
mVp
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
FSSSmin
minimum threshold
Vthr = 0.4V
50
dB
µV
FSSSmax
maximum threshold
Vthr = 3.4V
78
dB
µV
FSSSstep
threshold step
∆Vthr = 200mV
3
dB
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
SMD
Soft Mute Depth
min
13.4
dB
16
dB
19.5
dB
max
24
dB
MCVlow
Mute control voltage low
V(FMMUTETC) @ No mute
attenuation
0.2
V
MCVhigh
Mute control voltage high
V(FMMUTETC) @ Max mute
attenuation
2V
ACMcl
Adjacent
channel mute
clamp voltage
min
Max V(FMMUTETC) in
Adjacent Channel conditions
500
mV
max
2000
mV
step
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com