Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL331 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TL331
Description  TL331B, TL391B and TL331 Single Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL331 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TL331_V01 Datasheet HTML 6Page - Texas Instruments TL331_V01 Datasheet HTML 7Page - Texas Instruments TL331_V01 Datasheet HTML 8Page - Texas Instruments TL331_V01 Datasheet HTML 9Page - Texas Instruments TL331_V01 Datasheet HTML 10Page - Texas Instruments TL331_V01 Datasheet HTML 11Page - Texas Instruments TL331_V01 Datasheet HTML 12Page - Texas Instruments TL331_V01 Datasheet HTML 13Page - Texas Instruments TL331_V01 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
+
TL331
5 V
5 V
Vref
Input 0 V to 30 V
10
TL331, TL331B, TL391B
SLVS238H – AUGUST 1999 – REVISED MAY 2020
www.ti.com
Product Folder Links: TL331 TL331B TL391B
Submit Documentation Feedback
Copyright © 1999–2020, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
TL331 will typically be used to compare a single signal to a reference or two signals against each other. Many
users take advantage of the open drain output to drive the comparison logic output to a logic voltage level to an
MCU or logic device. The wide supply range and high voltage capability makes TL331 optimal for level shifting to
a higher or lower voltage.
8.2 Typical Application
Figure 4. Typical Application Schematic
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
0 V to VCC – 1.5 V
Supply Voltage
2 V to 36 V
Logic Supply Voltage (RPULLUP Voltage)
2 V to 36 V
Output Current (VLOGIC/RPULLUP)
1 µA to 4 mA
Input Overdrive Voltage
100 mV
Reference Voltage
2.5 V
Load Capacitance (CL)
15 pF
8.2.2 Detailed Design Procedure
When using TL331 in a general comparator application, determine the following:
Input voltage range
Minimum overdrive voltage
Output and drive current
Response time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com