Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL331 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TL331
Description  TL331B, TL391B and TL331 Single Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL331 Fiches technique(HTML) 3 Page - Texas Instruments

  TL331_V01 Datasheet HTML 1Page - Texas Instruments TL331_V01 Datasheet HTML 2Page - Texas Instruments TL331_V01 Datasheet HTML 3Page - Texas Instruments TL331_V01 Datasheet HTML 4Page - Texas Instruments TL331_V01 Datasheet HTML 5Page - Texas Instruments TL331_V01 Datasheet HTML 6Page - Texas Instruments TL331_V01 Datasheet HTML 7Page - Texas Instruments TL331_V01 Datasheet HTML 8Page - Texas Instruments TL331_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
1
2
3
4
5
IN+
VCC
IN-
OUT
GND
1
2
3
4
5
OUT
VCC
IN+
IN-
GND
3
TL331, TL331B, TL391B
www.ti.com
SLVS238H – AUGUST 1999 – REVISED MAY 2020
Product Folder Links: TL331 TL331B TL391B
Submit Documentation Feedback
Copyright © 1999–2020, Texas Instruments Incorporated
5 Pin Configuration and Functions
TLV331, TLV331B DBV Package
5-Pin SOT-23
Top View
Note reversed inputs compared to similar common pinout
TLV391B DBV Package
5-Pin SOT-23
Top View
Note reversed inputs compared to similar common pinout
Pin Functions
PIN
TYPE
DESCRIPTION
TL331, TL331B
TL391B
NAME
NO.
NO.
IN+
3
4
I
Positive Input
IN–
1
3
I
Negative Input
OUT
4
1
O
Open Collector/Drain Output
VCC
5
5
Power Supply Input
GND
2
2
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com