Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32MP151C Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce STM32MP151C
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151C Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button STM32MP151C Datasheet HTML 21Page - STMicroelectronics STM32MP151C Datasheet HTML 22Page - STMicroelectronics STM32MP151C Datasheet HTML 23Page - STMicroelectronics STM32MP151C Datasheet HTML 24Page - STMicroelectronics STM32MP151C Datasheet HTML 25Page - STMicroelectronics STM32MP151C Datasheet HTML 26Page - STMicroelectronics STM32MP151C Datasheet HTML 27Page - STMicroelectronics STM32MP151C Datasheet HTML 28Page - STMicroelectronics STM32MP151C Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 253 page
background image
DS12501 Rev 3
25/253
STM32MP151C/F
Functional overview
55
3.5
TrustZone address space controller for DDR (TZC)
TZC is used to filter read/write accesses to DDR controller according to TrustZone rights
and according to non-secure master (NSAID) on up to 9 programmable regions.
•
Configuration is supported by trusted software only
•
2 filter units working concurrently
•
9 regions:
–
region 0 is always enabled and covers the whole address range.
–
regions 1 to 8 have programmable base/end address and can be assigned to any
one or both filters.
•
Secure and non-secure access permissions programmed per region
•
Non-secure accesses are filtered according to NSAID
•
Regions controlled by same filter must not overlap
•
Fail modes with error and/or interrupt
•
Acceptance capability = 256
•
Gate keeper logic to enable and disable of each filter
•
Speculative accesses