Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32MP151C Fiches technique(PDF) 99 Page - STMicroelectronics

No de pièce STM32MP151C
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151C Fiches technique(HTML) 99 Page - STMicroelectronics

Back Button STM32MP151C Datasheet HTML 95Page - STMicroelectronics STM32MP151C Datasheet HTML 96Page - STMicroelectronics STM32MP151C Datasheet HTML 97Page - STMicroelectronics STM32MP151C Datasheet HTML 98Page - STMicroelectronics STM32MP151C Datasheet HTML 99Page - STMicroelectronics STM32MP151C Datasheet HTML 100Page - STMicroelectronics STM32MP151C Datasheet HTML 101Page - STMicroelectronics STM32MP151C Datasheet HTML 102Page - STMicroelectronics STM32MP151C Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 253 page
background image
Port J
PJ8
TRACED14
TIM1_CH3N
-
TIM8_CH1
----
PJ9
TRACED15
TIM1_CH3
-
TIM8_CH1N
----
PJ10
-
TIM1_CH2N
-
TIM8_CH2
-
SPI5_MOSI
-
-
PJ11
-
TIM1_CH2
-
TIM8_CH2N
-
SPI5_MISO
-
-
PJ12
----
----
PJ13
----
----
PJ14
----
----
PJ15
----
----
Port K
PK0
-
TIM1_CH1N
-
TIM8_CH3
-
SPI5_SCK
-
-
PK1
TRACED4
TIM1_CH1
HDP4
TIM8_CH3N
-
SPI5_NSS
-
-
PK2
TRACED5
TIM1_BKIN
HDP5
TIM8_BKIN
----
PK3
----
----
PK4
----
----
PK5
TRACED6
-
HDP6
-
----
PK6
TRACED7
-
HDP7
-
----
PK7
----
----
Port Z
PZ0
-
-
I2C6_SCL
I2C2_SCL
-
SPI1_SCK/
I2S1_CK
-
USART1_CK
PZ1
-
-
I2C6_SDA
I2C2_SDA
I2C5_SDA
SPI1_MISO/
I2S1_SDI
I2C4_SDA
USART1_RX
Table 8. Alternate function AF0 to AF7(1) (continued)
Port
AF0AF1
AF2AF3
AF4AF5
AF6
AF7
HDP/SYS/RTC
TIM1/2/16/17/
LPTIM1/SYS/
RTC
SAI1/4/I2C6/
TIM3/4/5/12/
HDP/SYS
SAI4/I2C2/
TIM8/
LPTIM2/3/4/5/
DFSDM1
/SDMMC1
SAI4/
I2C1/2/3/4/5/
USART1/
TIM15/LPTIM2/
DFSDM1/CEC
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/5/6/I2C1/
SDMMC1/3/
CEC
SPI3/I2S3/
SAI1/3/4/
I2C4/UART4/
DFSDM1
SPI2/I2S2/
SPI3/I2S3/
SPI6/
USART1/2/3/6/
UART7/
SDMMC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More