Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32MP151C Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce STM32MP151C
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151C Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button STM32MP151C Datasheet HTML 44Page - STMicroelectronics STM32MP151C Datasheet HTML 45Page - STMicroelectronics STM32MP151C Datasheet HTML 46Page - STMicroelectronics STM32MP151C Datasheet HTML 47Page - STMicroelectronics STM32MP151C Datasheet HTML 48Page - STMicroelectronics STM32MP151C Datasheet HTML 49Page - STMicroelectronics STM32MP151C Datasheet HTML 50Page - STMicroelectronics STM32MP151C Datasheet HTML 51Page - STMicroelectronics STM32MP151C Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 253 page
background image
Functional overview
STM32MP151C/F
48/253
DS12501 Rev 3
TAMP main features
•
32 backup registers:
–
the backup registers (TAMP_BKPxR) are implemented in the RTC domain that
remains powered-on by VBAT when the VDD power is switched off.
•
3 external tamper detection events.
–
Each external event can be configured to be active or passive.
–
External passive tampers with configurable filter and internal pull-up.
•
5 internal tamper events.
•
Any tamper detection can generate a RTC timestamp event.
•
Any tamper detection erases the backup registers.
•
TrustZone support:
–
Tamper secure or non-secure configuration.
–
Backup registers configuration in 3 configurable-size areas:
1 read/write secure area.
1 write secure/read non-secure area.
1 read/write non-secure area.
•
Monotonic counter.