Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32MP151C Fiches technique(PDF) 236 Page - STMicroelectronics

No de pièce STM32MP151C
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151C Fiches technique(HTML) 236 Page - STMicroelectronics

Back Button STM32MP151C Datasheet HTML 232Page - STMicroelectronics STM32MP151C Datasheet HTML 233Page - STMicroelectronics STM32MP151C Datasheet HTML 234Page - STMicroelectronics STM32MP151C Datasheet HTML 235Page - STMicroelectronics STM32MP151C Datasheet HTML 236Page - STMicroelectronics STM32MP151C Datasheet HTML 237Page - STMicroelectronics STM32MP151C Datasheet HTML 238Page - STMicroelectronics STM32MP151C Datasheet HTML 239Page - STMicroelectronics STM32MP151C Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 253 page
background image
Package information
STM32MP151C/F
236/253
DS12501 Rev 3
Device marking
The following figure gives an example of topside marking orientation versus ball A1 identifier
location.
The printed markings may differ depending on the supply chain.
Other optional marking or inset/upset marks, which identify the parts throughout supply
chain operations, are not indicated below.
Figure 66. TFBGA257 marking (package top view)
1. Parts marked as ES or E or accompanied by an Engineering Sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST’s Quality department must be contacted prior to any decision to use these engineering
samples to run a qualification activity.
MSv60330V1
xADxx
Y
WW
Product
identification
R
STM32MP15x
Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More