Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC3235MODASF Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Fiches technique(HTML) 4 Page - Texas Instruments

  CC3235MODASF Datasheet HTML 1Page - Texas Instruments CC3235MODASF Datasheet HTML 2Page - Texas Instruments CC3235MODASF Datasheet HTML 3Page - Texas Instruments CC3235MODASF Datasheet HTML 4Page - Texas Instruments CC3235MODASF Datasheet HTML 5Page - Texas Instruments CC3235MODASF Datasheet HTML 6Page - Texas Instruments CC3235MODASF Datasheet HTML 7Page - Texas Instruments CC3235MODASF Datasheet HTML 8Page - Texas Instruments CC3235MODASF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
CC32xx ± Single-Chip Wireless MCU
ARM
Cortex-M4
80 MHz
1-MB Flash (optional)
256-KB RAM
ROM
1x SPI
2x UART
1x I
2C
1x I2S/PCM
1x SD/MMC
8-bit Camera
4x ADC
DMA
Timers
GPIOs
Network Processor
Application
Protocols
RAM
ROM
Wi-Fi Driver
TCP/IP Stack
(ARM Cortex)
Power
Management
Oscillators
DC-DC
RTC
Synthesizer
Dual Band
Wi-Fi
COEX I/Os
Antenna Selection
4
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Module Overview
Copyright © 2019, Texas Instruments Incorporated
Figure 1-2 shows the an overview of the CC3235x hardware.
Figure 1-2. CC3235x Hardware Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100