Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC3235MODASF Fiches technique(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
No de pièce CC3235MODASF
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODASF Fiches technique(HTML) 31 Page - Texas Instruments

Back Button CC3235MODASF Datasheet HTML 27Page - Texas Instruments CC3235MODASF Datasheet HTML 28Page - Texas Instruments CC3235MODASF Datasheet HTML 29Page - Texas Instruments CC3235MODASF Datasheet HTML 30Page - Texas Instruments CC3235MODASF Datasheet HTML 31Page - Texas Instruments CC3235MODASF Datasheet HTML 32Page - Texas Instruments CC3235MODASF Datasheet HTML 33Page - Texas Instruments CC3235MODASF Datasheet HTML 34Page - Texas Instruments CC3235MODASF Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 100 page
background image
31
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Terminal Configuration and Functions
Copyright © 2019, Texas Instruments Incorporated
Table 4-3. Signal Descriptions (continued)
FUNCTION
SIGNAL NAME
PIN
NO.
PIN
TYPE
SIGNAL
DIRECTION
DESCRIPTION
GPIO
GPIO10
3
I/O
I/O
General-purpose inputs or outputs
GPIO11
4
I/O
I/O
GPIO14
5
I/O
I/O
GPIO15
6
I/O
I/O
GPIO16
7
I/O
I/O
GPIO17
8
I/O
I/O
GPIO12
9
I/O
I/O
GPIO13
10
I/O
I/O
GPIO22
11
I/O
I/O
GPIO23
12
I/O
I/O
GPIO24
18
I/O
I/O
GPIO28
19
I/O
I/O
GPIO29
22
I/O
I/O
GPIO25
23
O
O
GPIO0
44
I/O
I/O
GPIO30
42
I/O
I/O
GPIO1
46
I/O
I/O
GPIO2
47
I/O
I/O
GPIO3
48
I/O
I/O
GPIO4
49
I/O
I/O
GPIO5
50
I/O
I/O
GPIO6
51
I/O
I/O
GPIO7
52
I/O
I/O
GPIO8
53
I/O
I/O
GPIO9
54
I/O
I/O
McASP
I2S or PCM
MCAFSX
4
I/O
O
I2S audio port frame sync
11
18
23
42
53
McACLK
9
I/O
O
I2S audio port clock outputs
42
I/O
O
McAXR1
44
I/O
I/O
I2S audio port data 1 (RX/TX)
50
I
I/O
I2S audio port data 1 (RX and TX)
McAXR0
44
I/O
I/O
I2S audio port data 0 (RX and TX)
54
I/O
I/O
I2S audio port data (RX and TX)
McACLKX
52
I/O
O
I2S audio port clock
Multimedia card
(MMC or SD)
SDCARD_CLK
3
I/O
O
SD card clock data
7
SDCARD_CMD
4
I/O
I/O (open drain)
SD card command line
8
I/O
I/O
SDCARD_DATA0
6
I/O
I/O
SD card data
54
SDCARD_IRQ
53
I/O
I
Interrupt from SD card(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100