| Moteur de recherche de fiches techniques de composants électroniques |
|
CC3235MODASF Fiches technique(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CC3235MODASF Fiches technique(HTML) 23 Page - Texas Instruments |
|
23 / 100 page ![]() Copyright © 2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: CC3235MODAS CC3235MODASF 23 CC3235MODAS, CC3235MODASF www.ti.com SWRS233 – OCTOBER 2019 Table 4-2. Pin Attributes and Pin Multiplexing (continued) GENERAL PIN ATTRIBUTES FUNCTION PAD STATES Pkg. Pin Pin Alias Use Select as Wakeup Source Config. Addl. Analog Mux Muxed With JTAG Dig. Pin Mux Config. Reg. Dig. Pin Mux Config. Mode Value Signal Name Signal Description Signal Direction LPDS(1) Hib(2) nRESET = 0 44 GPIO0 I/O No User config not required (7) No GPIO_PAD_ CONFIG_0 (0x4402 E0A0) 0 GPIO0 GPIO I/O Hi-Z, Pull, Drive Hi-Z, Pull, Drive Hi-Z 12 UART0_CTS UART0 Clear-to- Send input (active low) I Hi-Z, Pull, Drive Hi-Z, Pull, Drive Hi-Z 6 McAXR1 I2S audio port data 1 (RX/TX) I/O Hi-Z, Pull, Drive 7 GT_CCP00 Timer capture port I Hi-Z, Pull, Drive 9 GSPI_CS General SPI chip select I/O Hi-Z, Pull, Drive 10 UART1_RTS UART1 Request- to-Send (active low) O 1 3 UART0_RTS UART0 Request- to-Send (active low) O 1 4 McAXR0 I2S audio port data 0 (RX/TX) I/O Hi-Z, Pull, Drive 45 NC WLAN analog N/A N/A N/A N/A N/A NC Reserved N/A N/A N/A N/A |